PART |
Description |
Maker |
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
PST9346U PST9319U PST9342U PST9339U PST9338U PST93 |
-40V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7241 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF9Z24NS with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML6402 with Tape and Reel Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF5305 with Standard Packaging Voltage Detector 电压检测器 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7220 with Standard Packaging 电压检测器 -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7406 with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9120N with Standard Packaging
|
Maxim Integrated Products, Inc.
|
PSX96B-133PQ160 PSX160-PQ240 PSX160-50MQ240 PSX96B |
-100V Single P-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF9540NL with Lead-Free Packaging User Programmable Special Function ASIC -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR9120N with Standard Packaging -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9120N with Lead Free Packaging 用户可编程ASIC的特殊功 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7420 with Lead Free Packaging 用户可编程ASIC的特殊功 -150V Single P-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU6215 with Lead Free Packaging 用户可编程ASIC的特殊功 -12V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7410 with Lead-Free Packaging. 用户可编程ASIC的特殊功
|
Ironwood Electronics
|
IRLI530G IRLI530GPBF |
100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16惟 , ID=9.7A ) HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16Ω , ID=9.7A )
|
International Rectifier
|
IRFR5410 IRFU5410 IRFRU5410 IRFR5410TRL IRFR5410TR |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRF9530NSTRR IRF9530NL IRF9530NSTRL |
-100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -100V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRF9540NL IRF9540NS IRF9540NSTRL |
-100V Single P-Channel HEXFET Power MOSFET in a TO-262 package -100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
JANTXV2N7224 JANTX2N7224 2N7224 IRFM150 |
HEXFET Transistor(HEXFET 晶体 的HEXFET晶体管(之HEXFET晶体管) REPETITIVE AVALANCHE RATED AND dv/dt RATED HEXFET? TRANSISTOR 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFR9110TRL IRFU9110 IRFR9110 |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRLB4030PBF |
100V Single N-Channel HEXFET Power MOSFET
|
International Rectifier
|
JANTX2N6845U JANTXV2N6845U IRFE9120 |
Simple Drive Requirements HEXFET TRANSISTORS SURFACE MOUNT (LCC-18) HEXFET?TRANSISTORS -100V Single P-Channel Hi-Rel MOSFET in a 18-pin LCC package
|
IRF[International Rectifier]
|